Part Number Hot Search : 
LC010 MM129 S155M E235L 24C01 1000S 2008G WS4503SA
Product Description
Full Text Search
 

To Download MUR10150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Designer'sTM Data Sheet
Order this document by MUR10150E/D
SCANSWITCHTM Power Rectifier
For Use As A Damper Diode In High and Very High Resolution Monitors
The MUR10150E is a state-of-the-art Power Rectifier specifically designed for use as a damper diode in horizontal deflection circuits for high and very high resolution monitors. In these applications, the outstanding performance of the MUR10150E is fully realized when paired with either the MJW16212 or MJF16212 monitor specific, 1500 V bipolar power transistor. * 1500 V Blocking Voltage * 20 mJ Avalanche Energy Guaranteed * Peak Transient Overshoot Voltage Specified, 14 Volts (typical) * Forward Recovery Time Specified, 135 ns (typical) * Epoxy Meets UL94, VO at 1/8 Mechanical Characteristics 1 * Case: Epoxy, Molded * Weight: 1.9 grams (approximately) 4 * Finish: All External Surfaces Corrosion Resistant and Terminal 3 Leads are Readily Solderable * Lead Temperature for Soldering Purposes: 260C Max. for 10 Seconds * Shipped 50 units per plastic tube * Marking: U10150E MAXIMUM RATINGS
Rating Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current, (Rated VR), TC = 125C Peak Repetitive Forward Current, Per Leg (Rated VR, Square Wave, 20 kHz), TC = 125C Nonrepetitive Peak Surge Current (Surge applied at rated load conditions halfwave, single phase, 60 Hz) Operating Junction and Storage Temperature Controlled Avalanche Energy Symbol VRRM VRWM VR IF(AV) IFRM IFSM TJ, Tstg WAVAL
MUR10150E
Motorola Preferred Device
SCANSWITCH RECTIFIER 10 AMPERES 1500 VOLTS
4
1 3
CASE 221B-03 (TO-220AC)
Value 1500
Unit Volts
10 20 100 -65 to +125 20
Amps Amps Amps C mJ
THERMAL CHARACTERISTICS
Thermal Resistance -- Junction to Case RJC 2.0 C/W
ELECTRICAL CHARACTERISTICS
Characteristic Maximum Instantaneous Forward Voltage (1) (iF = 6.5 Amps, TJ = 125C) (iF = 6.5 Amps, TJ = 25C) Maximum Instantaneous Reverse Current (1) (Rated dc Voltage, TJ = 125C) (Rated dc Voltage, TJ = 25C) Maximum Reverse Recovery Time (IF = 1.0 Amp, di/dt = 50 Amps/s) Maximum Forward Recovery Time (IF = 6.5 Amps, di/dt = 12 Amps/s) Peak Transient Overshoot Voltage (1) Pulse Test: Pulse Width = 300 s, Duty Cycle 2.0% SCANSWITCH is a trademark of Motorola, Inc.
Designer's Data for "Worst Case" Conditions -- The Designer's Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit curves -- representing boundaries on device characteristics -- are given to facilitate "worst case" design. Preferred devices are Motorola recommended choices for future use and best overall value. Rev 1
Symbol vF
Typ 1.7 1.9
Max 2.2 2.4
Unit Volts
iR 750 25 trr tfr VRFM 150 135 14 1000 100 175 175 16
A
ns ns Volts
(c)RectifierInc. 1996 Data Motorola, Device
1
MUR10150E
1000
100 IR , REVERSE CURRENT ( A) TJ = 125C 10 100C 1 25C 0.1
20 i F, INSTANTANEOUS FORWARD CURRENT (AMPS)
10
0.01 85C 5 0.001 0 TJ = 125C 2 25C PF(AV), AVERAGE FORWARD POWER DISSIPATION (WATTS) 300 600 900 1.2K 1.5K VR, REVERSE VOLTAGE (VOLTS)
Figure 2. Typical Reverse Current
40 TJ = 125C 35 30 25 20 15 10 5 0 0 5 10 15 20 SINE WAVE (RESISTIVE LOAD) SQUARE WAVE
1
0.5
dc
0.2
0.1 0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
vF, INSTANTANEOUS VOLTAGE (VOLTS)
Figure 1. Typical Forward Voltage
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 3. Forward Power Dissipation
IF(AV), AVERAGE FORWARD CURRENT (AMPS) 8 7 6 5 4 3 2 1 0 85 95 105 115 TC, CASE TEMPERATURE (C) 125 SQUARE WAVE dc (RATED VR APPLIED) RJC = 2.0C/W
Figure 4. Current Derating Case
2
Rectifier Device Data
MUR10150E
500 TYPICAL CAPACITANCE AT 0 V = 430 pF 400
C, CAPACITANCE (pF)
300
200
100
0 0.1 0.2 0.5 1 2 10 5 VR, REVERSE VOLTAGE (VOLTS) 20 50 100
Figure 5. Typical Capacitance
300 Q rr , STORED RECOVERY CHARGE (nC) Trr, REVERSE RECOVERY TIME (ns) 270 240 210 180 150 120 90 60 30 0 0 1 2 3 4 5 6 7 8 9 10 di/dt = 50 A/s 100 A/s VR = 30 V
1K 900 800 700 600 500 400 300 200 100 0 0 1 2 3 4 5 6 7 8 9 10 IF, FORWARD CURRENT (AMPS) di/dt = 100 A/s = 50 A/s VR = 30 V
IF, FORWARD CURRENT (AMPS)
Figure 6. Typical Reverse Recovery Time
Figure 7. Typical Stored Recovery Charge
Rectifier Device Data
3
MUR10150E
PACKAGE DIMENSIONS
C B Q
4
F
T
S
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES MIN MAX 0.595 0.620 0.380 0.405 0.160 0.190 0.025 0.035 0.142 0.147 0.190 0.210 0.110 0.130 0.018 0.025 0.500 0.562 0.045 0.060 0.100 0.120 0.080 0.110 0.045 0.055 0.235 0.255 0.000 0.050 MILLIMETERS MIN MAX 15.11 15.75 9.65 10.29 4.06 4.82 0.64 0.89 3.61 3.73 4.83 5.33 2.79 3.30 0.46 0.64 12.70 14.27 1.14 1.52 2.54 3.04 2.04 2.79 1.14 1.39 5.97 6.48 0.000 1.27
A U
1 3
H K
L G
D J
R
DIM A B C D F G H J K L Q R S T U
STYLE 1: PIN 1. 2. 3. 4.
CATHODE N/A ANODE CATHODE
CASE 221B-03 (TO-220AC) ISSUE B
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 81-3-3521-8315
MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 INTERNET: http://motorola.com/sps
4
Rectifier MUR10150E/D Device Data


▲Up To Search▲   

 
Price & Availability of MUR10150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X